Part Number Hot Search : 
YD2822 SFH3600 MPC725 74HCT5 PE53827 PE6117 UPD3594 27J10RE
Product Description
Full Text Search
 

To Download TQFP48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIMENSIONS REF.
A A1 A2 B C D D1 D3 e E E1 E3 L L1 K 0 0.45 0.05 1.35 0.17 0.09 9.00 7.00 5.50 0.50 9.00 7.00 5.50 0.60 1.00 3.5 7 0 0.75 0.018 1.40 0.22
mm MIN. TYP. MAX. MIN.
1.6 0.15 1.45 0.27 0.20 0.002 0.053 0.007 0.003
inch TYP. MAX.
0.063 0.006 0.055 0.009 0.057 0.011 0.0079 0.354 0.276 0.216 0.020 0.354 0.276 0.216 0.024 0.039 3.5 7 0.030
PACKAGE AND PACKING INFORMATION
48-LEAD THIN QUAD FLAT PACKAGE
Weight: not available
TQFP48
April 2004
1/5
TQFP48 PACKAGE AND PACKING INFORMATION TAPE & REEL SHIPMENT INFORMATION TAPE SPECIFICATIONS
Ko T
Top Cover Tape
D
P2
Po E
Bo
F
W
R
K Ao P1 User direction of feed
Center line of gravity
Bending radius
User direction of feed
TAPE MECHANICAL DATA mm. D E Po T max. D1 min. F K max. P2 R W P1 Ao, Bo, Ko BASE QUANTITY BULK QUANTITY 1.50 +0.1/0 1.75 0.1 4.00 0.1 0.40 1.50 7.5 0.05 6.50 2.00 0.05 40 16.00 0.30 12.00 0.05 min to 0.90 max. 2400 pcs. 2400 pcs. inch 0.059 +0.004/0 0.069 0.004 0.157 0.004 0.016 0.059 0.295 0.002 0.256 0.079 0.002 1.575 0.630 0.012 0.472 0.002 min to 0.035 max.
2/5
TQFP48 PACKAGE AND PACKING INFORMATION TAPE & REEL SHIPMENT INFORMATION REEL SPECIFICATIONS
T 40mm (1.575in) min. access hole at slot location
B
C A D
N
Full radius
G measured at hub
Tape slot in core for tape start 2.5mm (0.098in) min. width
REEL MECHANICAL DATA mm. Tape size A max. B min. C D min. N min. G T max. 16.0 0.30 330.0 1.5 13.0 0.20 20.2 60 16.4 +2/-0 22.4 inch 0.630 0.012 12.992 0.059 0.512 0.008 0.795 2.362 0.646 +0.079/-0 0.882
3/5
TQFP48 PACKAGE AND PACKING INFORMATION FOOTPRINT RECOMMENDED DATA
FOOTPRINT DATA mm. A B C D E 9.40 7.70 0.32 0.50 9.4 inch 0.370 0.303 0.012 0.020 0.370
4/5
TQFP48 PACKAGE AND PACKING INFORMATION TRAY SHIPMENT INFORMATION
TRAY DATA mm. A B C D E F G BASE QUANTITY BULK QUANTITY 250 pcs. 1500 pcs. 322.6 315.0 0.10 135.9 0.10 92.1 0.10 12.2 0.10 12.2 0.10 12.2 0.10 inch 12.700 12.402 0.004 5.350 0.004 3.626 0.004 0.480 0.004 0.480 0.004 0.480 0.004
5/5


▲Up To Search▲   

 
Price & Availability of TQFP48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X